PART |
Description |
Maker |
SI3245 SI3203 |
Quad ProSLIC? Programmable CMOS SLIC/Codec Quad ProSLIC㈢ Programmable CMOS SLIC/Codec
|
Silicon Laboratories
|
SI3232PPT0 SI3232PPT0-EVB |
EVALUATION BOARD FOR THE Si3232 DUAL PROSLIC
|
SILABS[Silicon Laboratories]
|
PALCE16V8H-5SC PALCE16V8H-5SI PALCE16V8H-5SI4 PALC |
CAP 47PF 100V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 47PF 200V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE CMOS 20-Pin Universal Programmable Array Logic 电子工程的CMOS 20引脚通用可编程阵列逻辑 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 20 ns, PDIP20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PQCC20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PDIP20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 15 ns, PQCC20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 15 ns, PDIP20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 20 ns, PQCC20 CAP 47PF 50V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR 电子工程的CMOS 20引脚通用可编程阵列逻辑 CAP 47PF 100V 5% NP0(C0G) SMD-1206 SN-NIBAR SPECIAL PKG 电子工程的CMOS 20引脚通用可编程阵列逻辑 8 BIT MCU W/8K FLASH
|
Advanced Micro Devices, Inc. Lattice Semiconductor, Corp. ADVANCED MICRO DEVICES INC
|
UPD75P66 UPD75P56 UPD75P66G-511 UPD75P56CS-001 UPD |
4-Bit, Single-Chip, One-Time Programmable (OTP) CMOS Microcomputer With Comparator (UPD75P56 / UPD75P66) 4-Bit Single-Chip One-Time Programmable CMOS Microcomputers
|
NEC[NEC] NEC Electronics
|
PEEL22CV10AP-25 PEEL22CV10AP-10 PEEL22CV10AP-15 PE |
PEEL?/a> 22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device PEEL⑩ 22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device PEEL 22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device PEEL?/a> 22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device PEEL?/a> 22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device
|
ANACHIP[Anachip Corp] http://
|
TS271 TS271CAC TS271CB TS271IAI TS271IBI TS271MAM |
PROGRAMMABLE LOW POWER CMOS SINGLE OP-AMP CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
EFRQ1200480R40-026 EFRQ600240R40-026 EFRQ1200480D5 |
CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP T&R Single Event Hardened High-Speed, Dual Output PWM; Temperature Range: -55°C to 125°C; Package: 16-SBDIP General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 14-PDIP CMOS Octal Bus Transceiver; Temperature Range: -40°C to 85°C; Package: 20-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-SOIC General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-PDIP General Purpose Timers; Temperature Range: -55°C to 125°C; Package: 14-CerDIP CMOS Programmable Interval Timer; Temperature Range: -40°C to 85°C; Package: 24-CerDIP CMOS 8-Bit/16-Bit Microprocessor; Temperature Range: -40°C to 85°C; Package: 40-PDIP CMOS Priority Interrupt Controller; Temperature Range: -40°C to 85°C; Package: 28-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP
|
Honeywell International, Inc. Air Cost Control
|
PALCE16V8H-5JC/5 PALCE16V8H-10PC/4 PALCE16V8H-15PC |
EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PQCC20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PDSO20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PDIP20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 15 ns, PQCC20 KPTC 3C 3#20 SKT PLUG EE PLD, 15 ns, PDIP20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PDSO20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PQCC20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PDIP20 KPT 5C 5#16 SKT RECP KPTC 4C 4#20 PIN PLUG KPT 4C 4#20 PIN PLUG EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
EPM3128A EPM3064ATI44-10N EPM3512AQI208-10 EPM3064 |
Programmable Logic Device Family High?performance, low?cost CMOS EEPROM?based programmable Built?in boundary-scan test circuitry compliant with
|
Altera Corporation
|
MCO-6S-P MCO-6S18P MCO-6S25P MCO-6S3P MCO-6SP |
SMD Clock Oscillator Programmable Short lead time for samples: 1 week max. SMD Clock Oscillator Programmable Output signal CMOS
|
QUARTZCOM the communications company
|
24C64 TU24C64CP2 TU24C64CP3 TU24C64CS2 TU24C64CS3 |
CMOSIC2-WIREBUS64KELECTRICALLYERASABLEPROGRAMMABLEROM8KX8BITEEPROM From old datasheet system CMOS I?C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM CMOS I2C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|